Part Number Hot Search : 
BL55024 RU6888M 45M50B MA2SE01 DTB113 TA31101F 74HC02D TA124
Product Description
Full Text Search
 

To Download MC100ELT23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Dual Differential PECL to TTL Translator
The MC100ELT23 is a dual differential PECL to TTL translator. Because PECL (Positive ECL) levels are used only +5V and ground are required. The small outline 8-lead SOIC package and the dual gate design of the ELT23 makes it ideal for applications which require the translation of a clock and a data signal. Because the mature MOSAIC 1.5 process is used, low cost can be added to the list of features. The ELT23 is available in only the ECL 100K standard. Since there are no PECL outputs or an external VBB reference, the ELT23 does not require both ECL standard versions. The PECL inputs are differential; there is no specified difference between the differential input 10H and 100K standards. Therefore, the MC100ELT23 can accept any standard differential PECL input referenced from a VCC of 5.0V.
MC100ELT23
8 1
* * * * *
3.5ns Typical Propagation Delay Differential PECL Inputs Small Outline SOIC Package 24mA TTL Outputs Flow Through Pinouts
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
D0 1
8
VCC
D0
2 PECL TTL
7
Q0
PIN
PIN DESCRIPTION FUNCTION TTL Outputs Diff PECL Inputs +5.0V Supply Ground
D1
3
6
Q1
Qn Dn VCC GND
D1
4
5
GND
7/96
(c) Motorola, Inc. 1996
3-1
REV 3
MC100ELT23
MAXIMUM RATINGS*
Symbol VCC TA TSTG Parameter DC Supply Voltage (Referenced to GND) Operating Temperature Range (In Free-Air) Storage Temperature Range Value 7.0 -40 to 85 -55 to +150 Unit V C C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
TTL OUTPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = -40C to 85C)
Symbol VOH VOL ICCH ICCL IOS Characteristic Output HIGH Voltage Output LOW Voltage Power Supply Current Power Supply Current Output Short Circuit Current -150 23 26 Min 2.4 0.5 33 36 -60 Typ Max Unit V V mA mA mA Condition IOH = -3.0mA IOL = 24mA
PECL INPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = -40C to 85C)
-40C Symbol IIH IIL VCMR VPP VIH VIL Characteristic Input HIGH Current Input LOW Current Common Mode Range Minimum Peak-to-Peak Input1 Input HIGH Voltage Input LOW Voltage 10ELT 100ELT 10ELT 100ELT 0.5 2.2 200 3.770 3.835 3.05 3.19 4.110 4.120 3.500 3.525 VCC Min Max 150 0.5 2.2 200 3.830 3.835 3.05 3.19 4.16 4.12 3.520 3.525 VCC Min 0C Max 150 0.5 2.2 200 3.870 3.835 3.05 3.19 4.19 4.12 3.520 3.525 VCC Min 25C Typ Max 150 0.5 2.2 200 3.930 3.835 3.05 3.19 4.265 4.120 3.550 3.525 VCC 85C Min Max 150 Unit A A V mV V V VCC = 5.0V VCC = 5.0V Condition
1. 200mV input guarantees full logic swing at the output.
AC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = -40C to 85C)
-40C Symbol tPLH tPHL Characteristic Propagation Delay1 Propagation Delay1 Min 2.0 2.0 Max 5.5 5.5 Min 2.0 2.0 0C Max 5.5 5.5 Min 2.0 2.0 25C Typ Max 5.5 5.5 85C Min 2.0 2.0 Max 5.5 5.5 Unit ns ns Condition CL = 20pF CL = 20pF
MOTOROLA
3-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100ELT23
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE P
-A- B
M 8 5 X 45 _
J
1 4
4X
-B-
M_ G F
NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
P
0.25 (0.010)
M
-T-
8X
C
SEATING PLANE
D 0.25 (0.010)
M
K
TB
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
R
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 3-3
*MC100ELT23/D*
MC100ELT23/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100ELT23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X